Part Number Hot Search : 
60800 FSS212 TC123 CK2445 TC115 24AA0 03C24 312100
Product Description
Full Text Search
 

To Download A1211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A1211/SMA1211
10 TO 1200 MHz CASCADABLE AMPLIFIER * HIGH EFFICIENCY: 16 mA at +5 Vdc * LOW NOISE FIGURE: 2.8 dB at 5 Vdc (TYP.) * LOW CURRENT DRAIN: 15.5 mA at 5 Vdc * MEDIUM OUTPUT POWER: +11 dBm at 8 Vdc (TYP.) * MEDIUM THIRD I.P.: +25 dBm at 8 Vdc
Typical Performance @ 25C
Specifications (Rev. Date: 6/01)*
Characteristics Frequency Small Signal Gain (min.) Gain Flatness (max.) Reverse Isolation Noise Figure (max.) Power Output @ 1 dB comp. (min.) IP3 IP2 Second Order Harmonic IP VSWR Input / Output (max.) DC Current @ 5 Volts (max.) Typical
0 to 50C
Guaranteed
-54 to +85C
5-1300 MHz 10-1200 MHz 10-1200 MHz 14.0 dB 12.0 dB 12.5 dB 0.6 dB 0.3 dB 0.8 dB 16 dB 2.8 dB 4.0 dB 3.5 dB 4.5 dBm 6.0 dBm 5.0 dBm +20 dBm +27 dBm +33 dBm 1.4:1 / 1.4:1 1.9:1 / 1.9:1 2.0:1 / 2.0:1 15.5 mA 19 mA 18 mA
* Measured in a 50-ohm system at +5 Vdc Nominal. Subject to change without notice.
Absolute Maximum Ratings
Storage Temperature Max. Case Temperature Max. DC Voltage Max. Continuous RF Input Power Max. Short Term RF Input Power (1 minute max.) Max. Peak Power (3 sec max.) "S" Series Burn-in Temperature (Case)
-62 to +125C 125C +10 Volts +10 dBm 50 mW 0.5 W 125C
Thermal Data: Vcc = 5 Vdc
Thermal Resistance jc Transistor Power Dissipation Pd Junction Temperature Rise Above Case Tjc
184C/W 0.051 W 9C
Outline Drawings
Package Figure Model TO-8 BG A1211 Surface Mount AA SMA1211 SMA Connectorized CE CA1211
Specifications subject to change without notice. * North America: 1-800-366-2266 Visit www.macom.com for complete contact and product information.


▲Up To Search▲   

 
Price & Availability of A1211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X